PART |
Description |
Maker |
HYB3118165BST-50 HYB5118165BST-50 HYB3118165BSJ-60 |
High-Speed Fully-Differential Amplifiers 8-MSOP -40 to 85 1M X 16 EDO DRAM, 50 ns, PDSO44 1M x 16-Bit Dynamic RAM 1k Refresh 100万16位动态随机存储器经销商刷 1M×16-Bit Dynamic RAM(1M×16动态RAM(快速页面模) 1M×16-Bit Dynamic RAM (Hyper Page Mode-EDO)(1M×16动RAM)
|
Siemens Semiconductor Group SIEMENS AG
|
Q67100-Q607 Q67100-Q608 Q67100-Q433 Q67100-Q542 Q6 |
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256亩4位动态随机存储器的低功56亩4位动态随机存储器 256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM 256K X 4 FAST PAGE DRAM, 60 ns, PDIP20
|
http:// SIEMENS A G SIEMENS AG
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
HYB5118160BSJ-50- HYB3118160BSJ-50 HYB3118160BSJ-6 |
1M x 16-Bit Dynamic RAM 1k Refresh 100万16位动态随机存储器经销商刷 1M×16-Bit Dynamic RAM(1M×16动态RAM(快速页面模)
|
Siemens Semiconductor Group SIEMENS AG
|
HYB5117405BT-70 HYB5117405BT-60 HYB5117405BT-50 HY |
-4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M x 4-Bit Dynamic RAM 2k & 4k Refresh (Hyper Page Mode- EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB5117800BSJ-70 HYB5117800BSJ-60 HYB5117800BSJ-50 |
-2M x 8 - Bit Dynamic RAM 2k Refresh 2M x 8-Bit Dynamic RAM From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
Q67100-Q2012 HYB514400BJ-70 HYB514400BJL-60 HYB514 |
1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
|
http:// SIEMENS AG Siemens Semiconductor G...
|
HYB514400BJ-60 HYB514400BJ-50 Q67100-Q973 HB4400C |
From old datasheet system 1M x 4-Bit Dynamic RAM 1M x4-Bit Dynamic RAM
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
HYB314405BJL-70 HYB314405BJL-60 HYB314405BJL-50 HY |
1M x 4 Bit EDO DRAM 3.3 V 50 ns 1M x 4 Bit EDO DRAM 3.3 V 60 ns -1M x 4-Bit Dynamic RAM 1M x 4 Bit EDO DRAM 3.3 V 70 ns 1M x 4-Bit Dynamic RAM (Hyper Page Mode (EDO) version) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB3117805BSJ-50 HYB3117805BSJ-60 HYB5117805BSJ-60 |
2M x 8 Bit 2k 5 V 60 ns EDO DRAM 2M x 8 Bit 2k 3.3 V 60 ns EDO DRAM -2M x 8 - Bit Dynamic RAM 2k Refresh 2M x 8-Bit Dynamic RAM 2k Refresh (Hyper Page Mode-EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HYB5116400BJ-50-60 Q67100-Q1087 HYB3116400BJ HYB31 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 4米4位动态随机存储器2k 4M×4-Bit Dynamic RAM(4M×4动RAM) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
http:// SIEMENS AG
|